Part Number Hot Search : 
AS23CP Z1017AI BAS70CDW SRC12 BPC3504 SL5231 O3381 SF111
Product Description
Full Text Search
 

To Download XC6219D11ADL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch october 4, 2004 v5 cmos low power consumption applications dropout voltage 60mv @ 30ma mobile phones 200mv @ 100ma cordless phones and radio communication equipment output current 150ma (vout<1.75v) portable games 240ma (vout> 1.8v) cameras, video cameras (300ma limit) reference voltage sources highly accurate + 2% battery powered equipment (+ 30mv when vout>1.5v) output voltage range 0.9v to 5.0v (50mv increments) low esr ceramic capacitor compatible general description features the xc6219 series are highly accurate, low noise, cm os ldo maximum output current 150ma (vout<1.75v) voltage regulators. offering low output noi se, high ripple rejection 240ma (vout> 1.8v) ratio, low dropout and very fast turn-on times, the xc6219 series (300ma limit (typ)) is ideal for today?s cutting edge mobile phone. dropout voltage 200mv (iout=100ma) internally the xc6219 includes a reference voltage sour ce, error operating voltage range 2.0v ~ 6.0v amplifiers, driver transistors, current limiters and phase output voltage range 0.9v ~ 5.0v (50mv steps) compensators. the xc6219?s current limiters' foldback circuit highly accurate + 2% (vout>1.5v) also operates as a short protect for the output current limiter and. + 30mv (vout< 1.5v) the output pin. the output voltage is set by laser trimming. low power consumption 25 a (typ.) voltages are selectable in 50mv steps within a range of standby current less than 0.1 a (typ.) 0.9v to 5.0v. the xc6219 series is also fully comp atible with low high ripple rejection 65db (10khz) esr ceramic capacitors, reducing cost and improving output stability. operating temperature range - 40 o c to 85 o c this high level of output stability is maintained even duri ng frequent low esr ceramic compatible ceramic capacitor load fluctuations, due to the excellent transient response performance ultr a small packages sot-25 (sot-23-5) and high psrr achieved across a broad range of frequencies. sot-89 the ce function allows the output of regulator to be turned off, usp-6b resulting in greatly reduced power consumption. the xc6219 series is available in the sot-25 (sot-23-5), sot-89 or usp-6b ?chip-scale? package. measuring only 2.0mm x 1.8mm the usp-6b is perfect for applicat ions where pcb area is critical. typical application circuit typical performance characteristics ripple rejection rate sot-25 (sot-23-5) vss 1 2 3 4 5 vin vout ce nc cin 1 f cl 1 f 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1 10 100 ripple frequency f (khz) ripple rejection rate rr (db) x c6219x302 vin=3.0v, dc+1vp-pac iout=50ma, cl=1uf (ceramics)
data sheet 2 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch pin configuration *please use the circuit without connecting to the heat dissipation pad. if the pad needs to be connected to other pins, it should be noted that the pin configuration of the usp-6b package is different depending on the ic series. sot-25 (sot-23-5) sot-89-5 usp-6b (top view) (top view) (bottom view) pin assignment pin number sot-25 sot-89-5 usp-6b pin name functions 1 4 1 vin power input 2 2 5 vss ground 3 3 6 ce on / off control 4 1 2, 4 nc no connection 5 5 3 vout output product classification selection guide the following options for the ce pin logic and internal pull-up/down are available: high active + no pull-down resistor built-in (standard) high active + 2.0m ? pull-down resistor built-in (semi-custom) low active + no pull-up resistor built-in (semi-custom) low active + 2.0m ? pull-up resistor built-in (semi-custom) note: *with the pull-up resistor or pull-down resistor built-i n types, the supply current during operation will increase by vin / 2.0m ? (typ.) ordering information xc6219 123456 designator description symbol description a : high active (ull-down resistor built in) b : high active (no pull-down resistor built in) c : low active (pull-up resistor built in) 1 ce pin logic d : low active (no pull-up resistor built in) 2 3 output voltage 09 ~ 50 : e.g. 2 =3, 3 =0, d 3.0v output voltage, 100mv increments, + 2% accuracy 2 : e.g. 2 =2, 3 =8, 4 =2 d 2.80v, + 2% 4 output voltage, 50mv increments, + 2% accuracy a : e.g. 2 =2, 3 =8, 4 =a d 2.85v, + 2% m : sot-25 (sot-23-5) p : sot-89-5 5 packages d : usp-6b r : embossed tape, standard feed 6 taping direction l : embossed tape, reverse feed vou t 5 vss 2 vin 4 1 nc 2 vss 3 ce 6 5 4 1 2 3 vin nc vout ce vss nc 4 2 5 13 ce (nc) v in v ss v out
data sheet 3 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch packaging information sot-25 (sot-23-5) sot-89-5 usp-6b * pin no. 1 is thicker than other pins 4 5 4 5 6 5 4 1 2 3 a' a aa a a a 4 5 6 3 2 1 2 4 5 4 5 2 2 2 o o a - a' cross-section drawing 2.0 + 0.15 0.5+0.1 (0.45) (0.05) (0.27) (0.27) (0.27) ( 0.45) 1.8 + 0.15 (0.45) (0.45) o 0.005+0.00 2 o o (0.125) 0.65 +0.15 -0.05 0.05 +0.01 -0.005 0.2+0.05 0.7 + 0.03 0.2+0.05 0.25+0.1 1.0+0.1 0.25+0.1 0.5+0.1 0.5+0.1 0.1+0.03 0.1+0.03
data sheet 4 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch marking rule sot-25 (sot-23-5) 1 represents product series mark product series l xc6219xxxxmx sot-25 (top view) 2 represents type of regulator mark vout 100mv steps vout 50mv steps vout:0.1~3.0v vout:3.1~6.0v vout:0.15~3.05v vout:3.15~6.05v product series v a e l xc6219axxxmx x b f m xc6219bxxxmx y c h n xc6219cxxxmx z d k p xc6219dxxxmx 3 represents output voltage mark output voltage mark output voltage 0 - 3.1 - 3.15 f 1.6 4.6 1.65 4.65 1 - 3.2 - 3.25 h 1.7 4.7 1.75 4.75 2 - 3.3 - 3.35 k 1.8 4.8 1.85 4.85 3 - 3.4 - 3.45 l 1.9 4.9 1.95 4.95 4 - 3.5 - 3.55 m 2.0 5.0 2.05 5 - 3.6 - 3.65 n 2.1 2.15 6 - 3.7 - 3.75 p 2.2 2.25 7 - 3.8 - 3.85 r 2.3 2.35 8 0.9 3.9 0.95 3.95 s 2.4 2.45 9 1.0 4.0 1.05 4.05 t 2.5 2.55 a 1.1 4.1 1.15 4.15 u 2.6 2.65 b 1.2 4.2 1.25 4.25 v 2.7 2.75 c 1.3 4.3 1.35 4.35 x 2.8 2.85 d 1.4 4.4 1.45 4.45 y 2.9 2.95 e 1.5 4.5 1.55 4.55 z 3.0 3.05 4 represents production lot number 0 to 9, a to z, reverse character of 0 to 9, a to z repeated. (g, i, j, o, q, w excepted) 1234
data sheet 5 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch marking rule (continued) usp-6b 1 2 represents product series mark 1 2 product series l xc6219xxxxdx usp-6b (top view) 3 represents type of regulator makr type product series a high active, pull-down resistor built-in (semi-custom) xc6219axxxmx b high active, pull-down resistor built-in (semi-custom) xc6219bxxxmx c low active, pull-up resistor built-in (semi-custom) xc6219cxxxmx d low active, pull-up resistor built-in (semi-custom) xc6219dxxxmx 4 represents product series mark voltage product series 3 3.x xc6219x3xxdx 5 5.x xc6219x5xxdx 3 represents output voltage mark voltage product series mark voltage product series 0 x.0 xc6219xx0xdx a x.05 xc6219xx0adx 1 x.1 xc6219xx1xdx b x.15 xc6219xx1adx 2 x.2 xc6219xx2xdx c x.25 xc6219xx2adx 3 x.3 xc6219xx3xdx d x.35 xc6219xx3adx 4 x.4 xc6219xx4xdx e x.45 xc6219xx4adx 5 x.5 xc6219xx5xdx f x.55 xc6219xx5adx 6 x.6 xc6219xx6xdx h x.65 xc6219xx6adx 7 x.7 xc6219xx7xdx k x.75 xc6219xx7adx 8 x.8 xc6219xx8xdx l x.85 xc6219xx8adx 9 x.9 xc6219xx9xdx m x.95 xc6219xx9adx 4 represents production lot number 0 to 9, a to z repeated. (g, i, j, o, q, w excepted) * no character inversion used. 6 5 4 1 2 3 1 23 4 56
data sheet 6 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch block diagram absolute maximum ratings ta = 2 5 o c parameter symbol ratings units input voltage vin 7.0 v output current iout 500 ma output voltage vout vss ? 0.3 ~ vin + 0.3 v ce pin voltage vce vss ? 0.3 ~ vin + 0.3 v sot-25 250 sot-89 500 power dissipation usp-6b pd 100 mw operating temperature range topr - 40 ~ + 85 o c storage temperature range tstg - 55 ~ + 125 o c current limit on/off control voltage reference each circuit ce v ss v out v in r2 r1
data sheet 7 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics xc6219b series ta = 2 5 o c parameter symbol conditions max. typ. min. units circuit output voltage vout(e) iout=30ma x 0.98 vout(t) x 1.02 v 1 maximum output current ioutmax 150 - - ma 1 load regulation u vout 1ma< iout< 100ma - 15 50 mv 1 vdif1 iout=30ma e-1 mv dropout voltage vdif2 iout=100ma e-2 mv 1 supply current idd vce=vin - 25 50 a 2 standby current istby vce=vss - 0.01 0.10 a 2 u vout/ vout(t)+1.0v< vin< 7.0v line regulation u vin vout iout=30ma - 0.01 0.20 %/v 1 input voltage vin 2.0 6.0 v - output voltage temperature u vout/ iout=30ma characteristics u to p r vout -40 o c< topr< 85 o c - 100 - ppm/ o c 1 ripple rejection rate psrr iout=50ma, f=10khz - 65 - db 4 current limiter ilim - 300 - ma 1 short circuit current ishort - 50 - ma 1 en ?high? voltage vceh 1.60 vin v 1 en ?low? voltage vcel 0.25 v 2 en ?high? current iceh vce=vin -0.10 0.10 a 2 en ?low? current icel vce=vss -0.10 0.10 a 2 note: *1: vout(t) = specified output voltage *2: vout(e) = effective output voltage (i.e. the output voltage when "vout(t)+1.0v" is provided at the vin pin while maintain ing a certain iout value.) 3: vdif={vin1 (* 5)- vout1 (*4) } *4: vout=a voltage equal to 98% of the output voltage w henever an amply stabilized iout {vout(t)+1.0v} is input. *5: vin=the input voltage when vout appears as input voltage is gradually decreased. *6: unless otherwise stated, vin=vout(t)+1.0v. dropout voltage chart e-1 e-2 symbol vdif1 vdif2 parameter output voltage min. typ. max. min. typ. max. 0.9 1100 1100 1110 1100 1150 1200 1.50 500 500 510 500 550 600 1.80 ~ 1.85 200 200 210 200 300 400 1.90 ~ 1.95 100 120 150 100 280 380 2.00 ~ 2.05 - 80 120 - 240 350 2.10 ~ 2.25 - 80 120 - 240 330 2.30 ~ 2.45 - 80 120 - 240 310 2.50 ~ 2.75 - 70 100 - 220 290 2.80 ~ 2.95 - 70 100 - 220 270 3.00 ~ 3.05 - 60 90 - 200 270 3.10 ~ 3.95 - 60 90 - 200 250 4.00 ~ 4.95 - 60 80 - 180 230 5.00 - 50 70 - 160 210 * the input voltage 2.0v (min) is needed to operate the series. when the output voltage is less than 2.0v, 2.0v-vout(t) of dropout voltage is needed at minimum.
data sheet 8 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch test circuits circuit 1 circuit 2 circuit 3 circuit 4 cin=1.0 f (ceramic) v vin vout vss ce cl=1.0 f (ceramic) rl a v v vin vout vss ce a open a vin vout vss ce cin=1.0 f (ceramic) cl=1.0 f (ceramic) f.f.t iout=10ma vin vout vss ce cl=1.0 f (ceramic) v iout=50ma vin={vout+1}v dc +0.5v p-pac v
data sheet 9 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch operational explanation the voltage divided by resistors r1 & r2 is compared with the internal reference voltage by the error amplifier. the p-channel mosfet, which is connected to the vout pin, is then driven by the subsequent output signal . the output voltage at the vout pin is controlled and stabiliz ed by a system of negative feedback. the current limit circuit and short protect circuit oper ate in relation to the level of output current. further, th e ic's internal circuitry can be shutdown via the ce pin's signal. with the xc6219 series, a stable output volt age is achievable even if used with low es r capacitors as a phase compensation circ uit is built-in. in order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (cl) is connected as close as possible to the output pin (vout) and the vss pin. please use an output capacitor with a capacitance value of at least 1 f. also, please connect an input capacitor (cin) of 0.1 f between the vin pin and the vss pin in order to ensure a stable power input. the xc6219 series includes a combination of a fixed current limit er circuit & a foldback circuit, which aid the operations of t he current limiter and circuit protection. when the load current reaches the current limit le vel, the fixed current limiter circuit operates and output voltag e drops. as a result of this drop in output voltage, the foldback circuit operates, output voltage drop s further and output current decreases. when the output pin i s shorted, a current of about 50ma flows. the ic's internal circuitry can be shutdown via the signal from the ce pin with the xc6219 series. in shutdown mode, output at the vout pin will be pulled down to the vss level via r1 & r2. the operational logic of t he ic's ce pin is selectable (pl ease refer to the selection guide on page 2). note that as the standard xc6219b type's regulator 1 and 2 are both ' high active /no pull down', operations will become unstable with the ce pin open. although the ce pin is equal to an inverter input with cmos hysteresis, with either the pull-up or pull-down options, the ce pin input current will in crease when the ic is in operation. we suggest that you use this ic with either a vin voltage or a vss voltage input at the ce pin. if this ic is used with the cor rect specifications for the ce pin, the operational logic is fixed and the ic will operate normally. ho wever, supply current may increase as a result of through cu rrent in the ic's internal circuitry. notes on use 1. please use this ic within the stated abs olute maximum ratings. the ic is liable to malfunction should the ratings be exceed ed. 2. where wiring impedance is high, operati ons may become unstable due to noise and/ or phase lag depending on output current. p lease keep the resistance low between vin and vss wiring in particular. 3. please wire the input capacitor (cin) and the output capacitor (cl) as close to the ic as possible. current limit on/off control voltage reference each circuit ce v ss v out v in r2 r1
data sheet 10 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (1) output voltage vs. output current 0.0 0.5 1.0 1.5 2.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x182 vin=2.1v vin=4.8v vin=3.8v vin=2.8v cin=1uf (ceramics), cl=1uf (ceramics) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x252 vin=2.8v vin=5.5v vin=3.5v vin=4.5v cin=1uf (ceramics), cl=1uf (ceramics) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x302 vin=6v vin=4v vin=5v vin=3.3v cin=1uf (ceramics), cl=1uf (ceramics) 0.0 0.5 1.0 1.5 2.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x182 vin=2.8v cin=1uf (ceramics), cl=1uf (ceramics) topr= 85 o c 25 o c - 40 o c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x252 vin=3.5v cin=1uf (ceramics), cl=1uf (ceramics) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 50 100 150 200 250 300 350 400 output current iout (ma) output voltage vout (v) xc6219x302 topr= 85 o c 25 o c - 40 o c vin=4.0v cin=1uf (ceramics), cl=1uf (ceramics)
data sheet 11 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (2) output voltage vs. input voltage 1.65 1.70 1.75 1.80 1.85 1.90 3.0 4.0 5.0 6.0 input voltage vin (v) output voltage vout (v) xc6219x182 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 2.35 2.40 2.45 2.50 2.55 2.60 3.0 3.5 4.0 4.5 5.0 5.5 6.0 input voltage vin (v) output voltage vout (v) xc6219x252 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 2.85 2.90 2.95 3.00 3.05 3.10 4.0 4.5 5.0 5.5 6.0 input voltage vin (v) output voltage vout (v) xc6219x302 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 1.0 1.2 1.4 1.6 1.8 2.0 1.3 1.8 2.3 input voltage vin (v) output voltage vout (v) xc6219x182 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma 1.7 1.9 2.1 2.3 2.5 2.7 22.53 input voltage vin (v) output voltage vout (v) xc6219x252 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma 2.2 2.4 2.6 2.8 3.0 3.2 2.5 3 3.5 input voltage vin (v) output voltage vout (v) xc6219x302 topr=25 o c cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma
data sheet 12 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (3) dropout voltage vs. output current (4) supply current vs. input voltage 0.0 0.2 0.4 0.6 0.8 1.0 0 40 80 120 160 200 output current iout (ma) dropout voltage vdif (v) xc6219x252 cin=1uf (ceramics), cl=1uf (ceramics) topr= 85 o c 25 o c - 40 o c 0.0 10.0 20.0 30.0 40.0 50.0 0123456 input voltage vin (v) supply current iss ( a) xc6219x252 topr= 85 o c 25 o c - 40 o c 0.0 0.2 0.4 0.6 0.8 1.0 0 40 80 120 160 200 output current iout (ma) dropout voltage vdif (v) xc6219x182 cin=1uf (ceramics), cl=1uf (ceramics) topr= 85 o c 25 o c - 40 o c 0.0 0.2 0.4 0.6 0.8 1.0 0 40 80 120 160 200 output current iout (ma) dropout voltage vdif (v) xc6219x302 cin=1uf (ceramics), cl=1uf (ceramics) topr= 85 o c 25 o c - 40 o c 0.0 10.0 20.0 30.0 40.0 50.0 0123456 input voltage vin (v) supply current iss ( a) xc6219x182 topr= 85 o c 25 o c - 40 o c
data sheet 13 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (4) supply current vs. input voltage (continued) (5) output voltage vs. ambient temperature 2.30 2.35 2.40 2.45 2.50 2.55 2.60 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) output voltage vout (v) xc6219x252 vin=3.5v cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma 0.0 10.0 20.0 30.0 40.0 50.0 0123456 input voltage vin (v) supply current iss ( a) xc6210x302 topr= 85 o c 25 o c - 40 o c 1.60 1.65 1.70 1.75 1.80 1.85 1.90 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) output voltage vout (v) xc6219x182 vin=2.8v cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma 2.80 2.85 2.90 2.95 3.00 3.05 3.10 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) output voltage vout (v) xc6219x302 vin=4.0v cin=1uf (ceramics), cl=1uf (ceramics) iout=0ma 1ma 30ma 100ma
data sheet 14 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (6) supply current vs. ambient temperature 0.0 10.0 20.0 30.0 40.0 50.0 -40-20 0 20406080100 ambient temperature topr ( o c) supply current iss ( a) xc6219x252 vin=3.5v 0.0 10.0 20.0 30.0 40.0 50.0 -40-20 0 20406080100 ambient temperature topr ( o c) supply current iss ( a) xc6219x182 vin=2.8v 0.0 10.0 20.0 30.0 40.0 50.0 -40 -20 0 20 40 60 80 100 ambient temperature topr ( o c) supply current iss ( a) xc6219x302 vin=4.0v
data sheet 15 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (7) input transient response -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 1.76 1.78 1.80 1.82 1.84 1.86 1.88 output voltage vout (v) xc6219x182 tr = tf = 5use cl=1uf (ceramics), iout=10ma input voltage output voltage -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 2.46 2.48 2.50 2.52 2.54 2.56 2.58 output voltage vout (v) xc6219x252 tr = tf = 5use cl=1uf (ceramics), iout=1ma output voltage input voltage -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 2.46 2.48 2.50 2.52 2.54 2.56 2.58 output voltage vout (v) xc6219x252 tr = tf = 5use cl=1uf (ceramics), iout=100ma input voltage output voltage -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 1.76 1.78 1.80 1.82 1.84 1.86 1.88 output voltage vout (v) xc6219x182 input voltage tr = tf = 5use cl=1uf (ceramics), iout=1ma output voltage -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 1.76 1.78 1.80 1.82 1.84 1.86 1.88 output voltage vout (v) xc6219x182 tr = tf = 5use cl=1uf (ceramics), iout=100ma input voltage output voltage -1 0 1 2 3 4 5 time (40usec/div) input voltage vin (v) 2.46 2.48 2.50 2.52 2.54 2.56 2.58 output voltage vout (v) xc6219x252 tr = tf = 5use cl=1uf (ceramics), iout=10ma input voltage output voltage
data sheet 16 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (7) input transient response (continued) (8) load transient response 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.96 2.98 3.00 3.02 3.04 3.06 3.08 output voltage vout (v) xc6219x302 tr = tf = 5use cl=1uf (ceramics), iout=1ma input voltage output voltage 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.96 2.98 3.00 3.02 3.04 3.06 3.08 output voltage vout (v) x c6219x302 tr = tf = 5use cl=1uf (ceramics), iout=10ma input voltage output voltage 0 1 2 3 4 5 6 time (40usec/div) input voltage vin (v) 2.96 2.98 3.00 3.02 3.04 3.06 3.08 output voltage vout (v) xc6219x302 tr = tf = 5use cl=1uf (ceramics), iout=100ma input voltage output voltage 1.4 1.5 1.6 1.7 1.8 1.9 2.0 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 50ma x c6 21 9 x1 8 2 vin=2.8v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 1.4 1.5 1.6 1.7 1.8 1.9 2.0 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 50ma 100ma xc6 21 9 x1 8 2 vin=2.8v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current
data sheet 17 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (8) load transient response (continued) 2.1 2.2 2.3 2.4 2.5 2.6 2.7 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 50ma x c6219x252 vin=3.5v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 2.1 2.2 2.3 2.4 2.5 2.6 2.7 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 100ma xc6 21 9 x2 5 2 vin=3.5v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 2.6 2.7 2.8 2.9 3.0 3.1 3.2 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 50ma 100ma xc6 21 9 x 30 2 vin=4.0v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 2.6 2.7 2.8 2.9 3.0 3.1 3.2 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 50ma x c6 21 9 x 30 2 vin=4.0v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 2.1 2.2 2.3 2.4 2.5 2.6 2.7 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 50ma 100ma x c6 21 9 x2 5 2 vin=3.5v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 1.4 1.5 1.6 1.7 1.8 1.9 2.0 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 100ma xc6219x182 vin=2.8v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current
data sheet 18 r000026 xc6219 series high speed ldo regulators, low esr cap. compatible, on/off switch electrical characteristics (continued) (8) load transient response (continued) (11) ripple rejection rate 2.6 2.7 2.8 2.9 3.0 3.1 3.2 time (40usec/div) output voltage vout (v) 0 50 100 150 200 250 300 output current iout (ma) 10ma 100ma xc6219x302 vin=4.0v, tr = tf = 5use cin=1uf (ceramics), cl=1uf (ceramics) output voltage output current 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1 10 100 ripple frequency f (khz) ripple rejection rate rr (db) x c6 21 9 x1 8 2 vin=2.8v, dc+1vp-pac iout=50ma, cl=1uf (ceramics) 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1 10 100 ripple frequency f (khz) ripple rejection rate rr (db) xc6219x252 vin=3.5v, dc+1vp-pac iout=50ma, cl=1uf (ceramics) 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1 10 100 ripple frequency f (khz) ripple rejection rate rr (db) xc6219x302 vin=3.0v, dc+1vp-pac iout=50ma, cl=1uf (ceramics)


▲Up To Search▲   

 
Price & Availability of XC6219D11ADL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X